Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1003 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1003 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 999Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1000Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1004Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1005Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1006Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1007Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 951 of 1102
REJ09B0294-0100
On receiving block number H'FF, the boot program will stop erasure and wait for a selection
command.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size, (one byte): The number of bytes that represents the block number
This is fixed to 1.
• Block number (one byte): H'FF
Stop code for erasure
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to end of erasure (ACK)
When erasure is to be performed after the block number H'FF has been sent, the procedure
should be executed from the erasure selection command.
(e)
Memory Read
The boot program will return the data in the specified address.
Command
H'52
Size
Area
Read address
Read size
SUM
• Command: H'52 (1 byte): Memory read
• Size (1 byte): Amount of data that represents the area, read address, and read size (fixed at 9)
• Area (1 byte)
H'01: User MAT
An address error occurs when the area setting is incorrect.
• Read address (4 bytes): Start address to be read from
• Read size (4 bytes): Size of data to be read
• SUM (1 byte): Checksum
Response
H'52
Read size
Data
···
SUM
• Response: H'52 (1 byte): Response to memory read
• Read size (4 bytes): Size of data to be read
• Data (n bytes): Data for the read size from the read address
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com