Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1004 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1004 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1000Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1004Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1005Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1006Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1007Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 952 of 1102
REJ09B0294-0100
Error Response
H'D2
ERROR
• Error response: H'D2 (1 byte): Error response to memory read
• ERROR: (1 byte): Error code
H'11: Sum check error
H'2A: Address error
The read address is not in the MAT.
H'2B: Size error
The read size exceeds the MAT.
(f)
User-Program Sum Check
The boot program will return the byte-by-byte total of the contents of the bytes of the user
program.
Command
H'4B
• Command, H'4B, (one byte): Sum check for user program
Response
H'5B
Size
Checksum of user program
SUM
• Response, H'5B, (one byte): Response to the sum check of the user program
• Size (one byte): The number of bytes that represents the checksum
This is fixed to 4.
• Checksum of user boot program (four bytes): Checksum of user MATs
The total of the data is obtained in byte units.
• SUM (one byte): Sum check for data being transmitted
(g) User MAT Blank Check
The boot program will check whether or not all user MATs are blank and return the result.
Command
H'4D
• Command, H'4D, (one byte): Blank check for user MATs
Response
H'06
• Response, H'06, (one byte): Response to the blank check for user MATs
If the contents of all user MATs are blank (H'FF), the boot program will return ACK.
Error Response
H'CD
H'52
• Error Response, H'CD, (one byte): Error response to the blank check of user MATs.
• Error code, H'52, (one byte): Erasure has not been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com