Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 103Page - Renesas Technology Corp H8SX1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX1663 Datasheet HTML 107Page - Renesas Technology Corp H8SX1663 Datasheet HTML 108Page - Renesas Technology Corp H8SX1663 Datasheet HTML 109Page - Renesas Technology Corp H8SX1663 Datasheet HTML 110Page - Renesas Technology Corp H8SX1663 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 55 of 1102
REJ09B0294-0100
2.8
Addressing Modes and Effective Address Calculation
The H8SX CPU supports the 11 addressing modes listed in table 2.12. Each instruction uses a
subset of these addressing modes.
Bit manipulation instructions use register direct, register indirect, or absolute addressing mode to
specify an operand, and register direct (BSET, BCLR, BNOT, and BTST instructions) or
immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.12
Addressing Modes
No. Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:2,ERn)/@(d:16,ERn)/@(d:32,ERn)
4
Index register indirect with displacement
@(d:16, RnL.B)/@(d:16,Rn.W)/@(d:16,ERn.L)
@(d:32, RnL.B)/@(d:32,Rn.W)/@(d:32,ERn.L)
5
Register indirect with post-increment
@ERn
+
Register indirect with pre-decrement
@
−ERn
Register indirect with pre-increment
@
+ERn
Register indirect with post-decrement
@ERn
−
6
Absolute address
@aa:8/@aa:16/@aa:24/@aa:32
7
Immediate
#xx:3/#xx:4/#xx:8/#xx:16/#xx:32
8
Program-counter relative
@(d:8,PC)/@(d:16,PC)
9
Program-counter relative with index register
@(RnL.B,PC)/@(Rn.W,PC)/@(ERn.L,PC)
10
Memory indirect
@@aa:8
11
Extended memory indirect
@@vec:7
2.8.1
Register Direct—Rn
The operand value is the contents of an 8-, 16-, or 32-bit general register which is specified by the
register field in the instruction code.
R0H to R7H and R0L to R7L can be specified as 8-bit registers.
R0 to R7 and E0 to E7 can be specified as 16-bit registers.
ER0 to ER7 can be specified as 32-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com