Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX1663 Datasheet HTML 107Page - Renesas Technology Corp H8SX1663 Datasheet HTML 108Page - Renesas Technology Corp H8SX1663 Datasheet HTML 109Page - Renesas Technology Corp H8SX1663 Datasheet HTML 110Page - Renesas Technology Corp H8SX1663 Datasheet HTML 111Page - Renesas Technology Corp H8SX1663 Datasheet HTML 112Page - Renesas Technology Corp H8SX1663 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 57 of 1102
REJ09B0294-0100
2.8.5
Register Indirect with Post-Increment, Pre-Decrement, Pre-Increment,
or Post-Decrement—@ERn
+, @−ERn, @+ERn, or @ERn−
• Register indirect with post-increment—@ERn+
The operand value is the contents of a memory location which is pointed to by the contents of
an address register (ERn). ERn is specified by the register field of the instruction code. After
the memory location is accessed, 1, 2, or 4 is added to the address register contents and the
sum is stored in the address register. The value added is 1 for byte access, 2 for word access, or
4 for longword access.
• Register indirect with pre-decrement—@−ERn
The operand value is the contents of a memory location which is pointed to by the following
operation result: the value 1, 2, or 4 is subtracted from the contents of an address register
(ERn). ERn is specified by the register field of the instruction code. After that, the operand
value is stored in the address register. The value subtracted is 1 for byte access, 2 for word
access, or 4 for longword access.
• Register indirect with pre-increment—@+ERn
The operand value is the contents of a memory location which is pointed to by the following
operation result: the value 1, 2, or 4 is added to the contents of an address register (ERn). ERn
is specified by the register field of the instruction code. After that, the operand value is stored
in the address register. The value added is 1 for byte access, 2 for word access, or 4 for
longword access.
• Register indirect with post-decrement—@ERn−
The operand value is the contents of a memory location which is pointed to by the contents of
an address register (ERn). ERn is specified by the register field of the instruction code. After
the memory location is accessed, 1, 2, or 4 is subtracted from the address register contents and
the remainder is stored in the address register. The value subtracted is 1 for byte access, 2 for
word access, or 4 for longword access.
using this addressing mode, data to be written is the contents of the general register after
calculating an effective address. If the same general register is specified in an instruction and two
effective addresses are calculated, the contents of the general register after the first calculation of
an effective address is used in the second calculation of an effective address.
Example 1:
MOV.W
R0, @ER0
+
When ER0 before execution is H'12345678, H'567A is written at H'12345678.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com