Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 198Page - Renesas Technology Corp H8SX1663 Datasheet HTML 199Page - Renesas Technology Corp H8SX1663 Datasheet HTML 200Page - Renesas Technology Corp H8SX1663 Datasheet HTML 201Page - Renesas Technology Corp H8SX1663 Datasheet HTML 202Page - Renesas Technology Corp H8SX1663 Datasheet HTML 203Page - Renesas Technology Corp H8SX1663 Datasheet HTML 204Page - Renesas Technology Corp H8SX1663 Datasheet HTML 205Page - Renesas Technology Corp H8SX1663 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 150 of 1102
REJ09B0294-0100
6.2.8
Bus Control Register 2 (BCR2)
BCR2 is used for bus arbitration control of the CPU, DMAC, and DTC, and enabling/disabling of
the write data buffer function to the peripheral modules.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R/W
4
IBCCS
0
R/W
3
0
R
2
0
R
1
1
R/W
0
PWDBE
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
R
Reserved
These are read-only bits and cannot be modified.
5
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
4
IBCCS
0
R/W
Internal Bus Cycle Control Select
Selects the internal bus arbiter function.
0: Releases the bus mastership according to the priority
1: Executes the bus cycles alternatively when a CPU
bus mastership request conflicts with a DMAC or
DTC bus mastership request
3, 2
All 0
R
Reserved
These are read-only bits and cannot be modified.
1
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
0
PWDBE
0
R/W
Peripheral Module Write Data Buffer Enable
Specifies whether or not to use the write data buffer
function for the peripheral module write cycles.
0: Write data buffer function not used
1: Write data buffer function used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com