Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 202Page - Renesas Technology Corp H8SX1663 Datasheet HTML 203Page - Renesas Technology Corp H8SX1663 Datasheet HTML 204Page - Renesas Technology Corp H8SX1663 Datasheet HTML 205Page - Renesas Technology Corp H8SX1663 Datasheet HTML 206Page - Renesas Technology Corp H8SX1663 Datasheet HTML 207Page - Renesas Technology Corp H8SX1663 Datasheet HTML 208Page - Renesas Technology Corp H8SX1663 Datasheet HTML 209Page - Renesas Technology Corp H8SX1663 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 154 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
9
8
BSWD01
BSWD00
0
0
R/W
R/W
Area 0 Burst Word Number Select
Selects the number of words in burst access to the area
0 burst ROM interface
00: Up to 4 words (8 bytes)
01: Up to 8 words (16 bytes)
10: Up to 16 words (32 bytes)
11: Up to 32 words (64 bytes)
7
BSRM1
0
R/W
Area 1 Burst ROM Interface Select
Specifies the area 1 bus interface as a basic interface
or a burst ROM interface. To set this bit to 1, clear bit
BCSEL1 in SRAMCR to 0.
0: Basic bus interface or byte-control SRAM interface
1: Burst ROM interface
6
5
4
BSTS12
BSTS11
BSTS10
0
0
0
R/W
R/W
R/W
Area 1 Burst Cycle Select
Specifies the number of cycles of area 1 burst cycle
000: 1 cycle
001: 2 cycles
010: 3 cycles
011: 4 cycles
100: 5 cycles
101: 6 cycles
110: 7 cycles
111: 8 cycles
3, 2
All 0
R
Reserved
These are read-only bits and cannot be modified.
1
0
BSWD11
BSWD10
0
0
R/W
R/W
Area 1 Burst Word Number Select
Selects the number of words in burst access to the area
1 burst ROM interface
00: Up to 4 words (8 bytes)
01: Up to 8 words (16 bytes)
10: Up to 16 words (32 bytes)
11: Up to 32 words (64 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com