Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 232Page - Renesas Technology Corp H8SX1663 Datasheet HTML 233Page - Renesas Technology Corp H8SX1663 Datasheet HTML 234Page - Renesas Technology Corp H8SX1663 Datasheet HTML 235Page - Renesas Technology Corp H8SX1663 Datasheet HTML 236Page - Renesas Technology Corp H8SX1663 Datasheet HTML 237Page - Renesas Technology Corp H8SX1663 Datasheet HTML 238Page - Renesas Technology Corp H8SX1663 Datasheet HTML 239Page - Renesas Technology Corp H8SX1663 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 184 of 1102
REJ09B0294-0100
(5) Strobe Assert/Negate Timings
The assert and negate timings of the strobe signals can be modified as well as number of access
cycles.
• Read strobe (RD) in the basic bus interface
• Chip select assertion period extension cycles in the basic bus interface
• Data transfer acknowledge (DACK3 to DACK0) output for DMAC single address transfers
6.5.5
Area and External Bus Interface
(1) Area 0
Area 0 includes on-chip ROM. All of area 0 is used as external address space in on-chip ROM
disabled extended mode, and the space excluding on-chip ROM is external address space in on-
chip ROM enabled extended mode.
When area 0 external address space is accessed, the
CS0 signal can be output.
Either of the basic bus interface, byte control SRAM interface, or burst ROM interface can be
selected for area 0 by bit BSRM0 in BROMCR and bit BCSEL0 in SRAMCR. Table 6.7 shows
the external interface of area 0.
Table 6.7
Area 0 External Interface
Register Setting
Interface
BSRM0 of BROMCR
BCSEL0 of SRAMCR
Basic bus interface
0
0
Byte control SRAM interface
0
1
Burst ROM interface
1
0
Setting prohibited
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com