Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 234Page - Renesas Technology Corp H8SX1663 Datasheet HTML 235Page - Renesas Technology Corp H8SX1663 Datasheet HTML 236Page - Renesas Technology Corp H8SX1663 Datasheet HTML 237Page - Renesas Technology Corp H8SX1663 Datasheet HTML 238Page - Renesas Technology Corp H8SX1663 Datasheet HTML 239Page - Renesas Technology Corp H8SX1663 Datasheet HTML 240Page - Renesas Technology Corp H8SX1663 Datasheet HTML 241Page - Renesas Technology Corp H8SX1663 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 186 of 1102
REJ09B0294-0100
(4) Area 3
In externally extended mode, all of area 3 is external address space.
When area 3 external address space is accessed, the
CS3 signal can be output.
Either of the basic bus interface, byte control SRAM interface, or address/data multiplexed I/O
interface can be selected for area 3 by bit MPXE3 in MPXCR and bit BCSEL3 in SRAMCR.
Table 6.10 shows the external interface of area 3.
Table 6.10
Area 3 External Interface
Register Setting
Interface
MPXE3 of MPXCR
BCSEL3 of SRAMCR
Basic bus interface
0
0
Byte control SRAM interface
0
1
Address/data multiplexed I/O
interface
1
0
Setting prohibited
1
1
(5) Area 4
In externally extended mode, all of area 4 is external address space.
When area 4 external address space is accessed, the
CS4 signal can be output.
Either of the basic bus interface, byte control SRAM interface, or address/data multiplexed I/O
interface can be selected for area 4 by bit MPXE4 in MPXCR and bit BCSEL4 in SRAMCR.
Table 6.11 shows the external interface of area 4.
Table 6.11
Area 4 External Interface
Register Setting
Interface
MPXE4 of MPXCR
BCSEL4 of SRAMCR
Basic bus interface
0
0
Byte control SRAM interface
0
1
Address/data multiplexed I/O
interface
1
0
Setting prohibited
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com