Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 337Page - Renesas Technology Corp H8S/2426 Datasheet HTML 338Page - Renesas Technology Corp H8S/2426 Datasheet HTML 339Page - Renesas Technology Corp H8S/2426 Datasheet HTML 340Page - Renesas Technology Corp H8S/2426 Datasheet HTML 341Page - Renesas Technology Corp H8S/2426 Datasheet HTML 342Page - Renesas Technology Corp H8S/2426 Datasheet HTML 343Page - Renesas Technology Corp H8S/2426 Datasheet HTML 344Page - Renesas Technology Corp H8S/2426 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 313 of 1270
REJ09B0466-0100
7.3.2
I/O Address Registers (IOARA and IOARB)
IOAR is a 16-bit readable/writable register that specifies the lower 16 bits of the source address
(transfer source address) or destination address (transfer destination address). The upper 8 bits of
the transfer address are automatically set to H'FF.
The DMA has four IOAR registers: IOAR_0A in channel 0 (channel 0A), IOAR_0B in channel 0
(channel 0B), IOAR_1A in channel 1 (channel 1A), and IOAR_1B in channel 1 (channel 1B).
Whether IOAR functions as the source address register or as the destination address register can
be selected by means of the DTDIR bit in DMACR.
IOAR is not incremented or decremented each time a data transfer is executed, so the address
specified by IOAR is fixed.
IOAR is not initialized by a reset or in standby mode.
IOAR can be used in short address mode but not in full address mode.
7.3.3
Execute Transfer Count Registers (ETCRA and ETCRB)
ETCR is a 16-bit readable/writable register that specifies the number of transfers.
The DMA has four ETCR registers: ETCR_0A in channel 0 (channel 0A), ETCR_0B in channel 0
(channel 0B), ETCR_1A in channel 1 (channel 1A), and ETCR_1B in channel 1 (channel 1B).
ETCR is not initialized by a reset or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com