Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 21Page - Renesas Technology Corp H8S/2426 Datasheet HTML 22Page - Renesas Technology Corp H8S/2426 Datasheet HTML 23Page - Renesas Technology Corp H8S/2426 Datasheet HTML 24Page - Renesas Technology Corp H8S/2426 Datasheet HTML 25Page - Renesas Technology Corp H8S/2426 Datasheet HTML 26Page - Renesas Technology Corp H8S/2426 Datasheet HTML 27Page - Renesas Technology Corp H8S/2426 Datasheet HTML 28Page - Renesas Technology Corp H8S/2426 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 1302 page
background image
Rev. 1.00 Sep. 19, 2008 Page xxv of xxviii
17.5
Interrupt Source ................................................................................................................. 981
17.6
A/D Conversion Accuracy Definitions .............................................................................. 982
17.7
Usage Notes ....................................................................................................................... 984
17.7.1 Module Stop Function Setting .............................................................................. 984
17.7.2 A/D Input Hold Function in Software Standby Mode .......................................... 984
17.7.3 Restarting the A/D Converter ............................................................................... 984
17.7.4 Permissible Signal Source Impedance .................................................................. 985
17.7.5 Influences on Absolute Accuracy ......................................................................... 986
17.7.6 Setting Range of Analog Power Supply and Other Pins....................................... 986
17.7.7 Notes on Board Design ......................................................................................... 987
17.7.8 Notes on Noise Countermeasures ......................................................................... 987
Section 18 D/A Converter..................................................................................989
18.1
Features.............................................................................................................................. 989
18.2
Input/Output Pins ...............................................................................................................991
18.3
Register Descriptions ......................................................................................................... 992
18.3.1 D/A Data Registers 2 and 3 (DADR2 and DADR3)............................................. 992
18.3.2 D/A Control Register 23 (DACR23) .................................................................... 992
18.4
Operation ........................................................................................................................... 995
18.5
Usage Notes ....................................................................................................................... 997
18.5.1 Setting for Module Stop Mode ............................................................................. 997
18.5.2 D/A Output Hold Function in Software Standby Mode........................................ 997
Section 19 Synchronous Serial Communication Unit (SSU) ............................999
19.1
Features.............................................................................................................................. 999
19.2
Input/Output Pins ............................................................................................................. 1001
19.3
Register Descriptions ....................................................................................................... 1001
19.3.1 SS Control Register H (SSCRH) ........................................................................ 1002
19.3.2 SS Control Register L (SSCRL) ......................................................................... 1004
19.3.3 SS Mode Register (SSMR) ................................................................................. 1005
19.3.4 SS Enable Register (SSER) ................................................................................ 1006
19.3.5 SS Status Register (SSSR) .................................................................................. 1007
19.3.6 SS Control Register 2 (SSCR2) .......................................................................... 1010
19.3.7 SS Transmit Data Registers 0 to 3 (SSTDR0 to SSTDR3)................................. 1012
19.3.8 SS Receive Data Registers 0 to 3 (SSRDR0 to SSRDR3).................................. 1013
19.3.9 SS Shift Register (SSTRSR)............................................................................... 1013
19.4
Operation ......................................................................................................................... 1014
19.4.1 Transfer Clock .................................................................................................... 1014
19.4.2 Relationship of Clock Phase, Polarity, and Data ................................................ 1014
19.4.3 Relationship between Data Input/Output Pins and Shift Register ...................... 1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com