Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 96Page - Renesas Technology Corp H8S/2426 Datasheet HTML 97Page - Renesas Technology Corp H8S/2426 Datasheet HTML 98Page - Renesas Technology Corp H8S/2426 Datasheet HTML 99Page - Renesas Technology Corp H8S/2426 Datasheet HTML 100Page - Renesas Technology Corp H8S/2426 Datasheet HTML 101Page - Renesas Technology Corp H8S/2426 Datasheet HTML 102Page - Renesas Technology Corp H8S/2426 Datasheet HTML 103Page - Renesas Technology Corp H8S/2426 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 72 of 1270
REJ09B0466-0100
2.7.6
Immediate—#xx:8 / #xx:16/ #xx:32
The instruction code contains 8-bit (#xx:8), 16-bit (#xx:16), or 32-bit (#xx:32) immediate data as
an operand.
The ADDS, SUBS, INC, and DEC instructions contain immediate data implicitly. Some bit
manipulation instructions contain 3-bit immediate data in the instruction code, specifying a bit
number. The TRAPA instruction contains 2-bit immediate data in its instruction code, specifying a
vector address.
2.7.7
Program-Counter Relative—@(d:8, PC) or @(d:16, PC)
This mode is used in the Bcc and BSR instructions. An 8-bit or 16-bit displacement contained in
the instruction code is sign-extended and added to the 24-bit PC contents to generate a branch
address. Only the lower 24 bits of this branch address are valid; the upper 8 bits are all assumed to
be 0 (H'00). The PC value to which the displacement is added is the address of the first byte of the
next instruction, so the possible branching range is
−126 to +128 bytes (–63 to +64 words) or
−32766 to +32768 bytes (−16383 to +16384 words) from the branch instruction. The resulting
value should be an even number.
2.7.8
Memory Indirect—@@aa:8
This mode can be used by the JMP and JSR instructions. The instruction code contains an 8-bit
absolute address specifying a memory operand. This memory operand contains a branch address.
The upper bits of the absolute address are all assumed to be 0, so the address range is 0 to 255
(H'0000 to H'00FF in normal mode, H'000000 to H'0000FF in advanced mode).
In normal mode the memory operand is a word operand and the branch address is 16 bits long. In
advanced mode the memory operand is a longword operand, the first byte of which is assumed to
be all 0 (H'00). Note that the first part of the address range is also the exception vector area. For
further details, refer to section 4, Exception Handling.
If an odd address is specified in word or longword memory access, or as a branch address, the
least significant bit is regarded as 0, causing data to be accessed or instruction code to be fetched
at the address preceding the specified address. (For further information, see section 2.5.2, Memory
Data Formats.)
Note:
Normal mode is not available in this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com