Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 77Page - Renesas Technology Corp H8S/2426 Datasheet HTML 78Page - Renesas Technology Corp H8S/2426 Datasheet HTML 79Page - Renesas Technology Corp H8S/2426 Datasheet HTML 80Page - Renesas Technology Corp H8S/2426 Datasheet HTML 81Page - Renesas Technology Corp H8S/2426 Datasheet HTML 82Page - Renesas Technology Corp H8S/2426 Datasheet HTML 83Page - Renesas Technology Corp H8S/2426 Datasheet HTML 84Page - Renesas Technology Corp H8S/2426 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 53 of 1270
REJ09B0466-0100
2.4.4
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags.
Operations can be performed on the CCR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. The N, Z, V, and C flags are used as branching conditions for conditional branch
(Bcc) instructions.
Bit
Bit Name
Initial Value
R/W
Description
7
I
1
R/W
Interrupt Mask Bit
Masks interrupts other than NMI when set to 1.
NMI is accepted regardless of the I bit setting.
The I bit is set to 1 by hardware at the start of an
exception-handling sequence. For details, refer
to section 5, Interrupt Controller.
6
UI
Undefined
R/W
User Bit or Interrupt Mask Bit
Can be written and read by software using the
LDC, STC, ANDC, ORC, and XORC
instructions. This bit cannot be used as an
interrupt mask bit in this LSI.
5
H
Undefined
R/W
Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B,
CMP.B, or NEG.B instruction is executed, this
flag is set to 1 if there is a carry or borrow at bit
3, and cleared to 0 otherwise. When the ADD.W,
SUB.W, CMP.W, or NEG.W instruction is
executed, the H flag is set to 1 if there is a carry
or borrow at bit 11, and cleared to 0 otherwise.
When the ADD.L, SUB.L, CMP.L, or NEG.L
instruction is executed, the H flag is set to 1 if
there is a carry or borrow at bit 27, and cleared
to 0 otherwise.
4
U
Undefined
R/W
User Bit
Can be written and read by software using the
LDC, STC, ANDC, ORC, and XORC
instructions.
3
N
Undefined
R/W
Negative Flag
Stores the value of the most significant bit of
data as a sign bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com