Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 78Page - Renesas Technology Corp H8S/2426 Datasheet HTML 79Page - Renesas Technology Corp H8S/2426 Datasheet HTML 80Page - Renesas Technology Corp H8S/2426 Datasheet HTML 81Page - Renesas Technology Corp H8S/2426 Datasheet HTML 82Page - Renesas Technology Corp H8S/2426 Datasheet HTML 83Page - Renesas Technology Corp H8S/2426 Datasheet HTML 84Page - Renesas Technology Corp H8S/2426 Datasheet HTML 85Page - Renesas Technology Corp H8S/2426 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 54 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
Z
Undefined
R/W
Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to
indicate non-zero data.
1
V
Undefined
R/W
Overflow Flag
Set to 1 when an arithmetic overflow occurs, and
cleared to 0 otherwise.
0
C
Undefined
R/W
Carry Flag
Set to 1 when a carry occurs, and cleared to 0
otherwise. Used by:
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift and rotate instructions, to indicate a
carry
The carry flag is also used as a bit accumulator
by bit manipulation instructions.
2.4.5
Multiply-Accumulate Register (MAC)
This 64-bit register stores the results of multiply-and-accumulate operations. It consists of two 32-
bit registers denoted MACH and MACL. The lower 10 bits of MACH are valid; the upper bits are
a sign extension.
2.4.6
Initial Values of CPU Internal Registers
When the reset exception handling loads the start address from the vector address, PC is
initialized, the T bit in EXR is cleared to 0, and the I bits in EXR and CCR are set to 1. However,
the general registers and the other CCR bits are not initialized. The initial value of SP (ER7) is
undefined. SP should therefore be initialized by using the MOV.L instruction immediately after a
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com