Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 376Page - Renesas Technology Corp H8S/2426 Datasheet HTML 377Page - Renesas Technology Corp H8S/2426 Datasheet HTML 378Page - Renesas Technology Corp H8S/2426 Datasheet HTML 379Page - Renesas Technology Corp H8S/2426 Datasheet HTML 380Page - Renesas Technology Corp H8S/2426 Datasheet HTML 381Page - Renesas Technology Corp H8S/2426 Datasheet HTML 382Page - Renesas Technology Corp H8S/2426 Datasheet HTML 383Page - Renesas Technology Corp H8S/2426 Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 352 of 1270
REJ09B0466-0100
7.5.5
Single Address Mode
Single address mode can only be specified for channel B. This mode can be specified by setting
the SAE bit in DMABCRH to 1 in short address mode.
One address is specified by MAR, and the other is set automatically to the data transfer
acknowledge pin (
DACK). The transfer direction can be specified by the DTDIR bit in DMACR.
Table 7.8 summarizes register functions in single address mode.
Table 7.8
Register Functions in Single Address Mode
Function
Register
DTDIR = 0 DTDIR = 1 Initial Setting
Operation
23
0
MAR
Source
address
register
Destination
address
register
Start address of
transfer destination
or transfer source
See sections 7.5.2,
Sequential Mode,
7.5.3, Idle Mode,
and 7.5.4, Repeat
Mode.
DACK pin
Write
strobe
Read
strobe
(Set automatically
by SAE bit in
DMABCRH; IOAR
is invalid)
Strobe for external
device
0
15
ETCR
Transfer counter
Number of transfers See sections 7.5.2,
Sequential Mode,
7.5.3, Idle Mode,
and 7.5.4, Repeat
Mode.
MAR specifies the start address of the transfer source or transfer destination as 24 bits. IOAR is
invalid; in its place the strobe for external devices (
DACK) is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com