Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 386 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 382Page - Renesas Technology Corp H8S/2426 Datasheet HTML 383Page - Renesas Technology Corp H8S/2426 Datasheet HTML 384Page - Renesas Technology Corp H8S/2426 Datasheet HTML 385Page - Renesas Technology Corp H8S/2426 Datasheet HTML 386Page - Renesas Technology Corp H8S/2426 Datasheet HTML 387Page - Renesas Technology Corp H8S/2426 Datasheet HTML 388Page - Renesas Technology Corp H8S/2426 Datasheet HTML 389Page - Renesas Technology Corp H8S/2426 Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 358 of 1270
REJ09B0466-0100
Figure 7.12 shows an example of the setting procedure for normal mode.
Normal mode setting
Set DMABCRH
Set transfer source and
transfer destination
addresses
Set number of transfers
Set DMACR
Read DMABCRL
Set DMABCRL
Normal mode
[1]
[2]
[3]
[4]
[5]
[6]
[1] Set each bit in DMABCRH.
• Set the FAE bit to 1 to select full address
mode.
• Specify enabling or disabling of internal
interrupt clearing with the DTA bit.
[2] Set the transfer source address in MARA, and
the transfer destination address in MARB.
[3] Set the number of transfers in ETCRA.
[4] Set each bit in DMACRA and DMACRB.
• Set the transfer data size with the DTSZ bit.
• Specify whether MARA is to be incremented,
decremented, or fixed, with the SAID and
SAIDE bits.
• Clear the BLKE bit to 0 to select normal
mode.
• Specify whether MARB is to be incremented,
decremented, or fixed, with the DAID and
DAIDE bits.
• Select the activation source with bits DTF3 to
DTF0.
[5] Read DTE = 0 and DTME = 0 in DMABCRL.
[6] Set each bit in DMABCRL.
• Specify enabling or disabling of transfer end
interrupts with the DTIE bit.
• Set both the DTME bit and the DTE bit to 1 to
enable transfer.
Figure 7.12 Example of Normal Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com