| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 398 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 398 Page - Renesas Technology Corp |
|
398 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 370 of 1270 REJ09B0466-0100 DMA read Address bus φ DREQ Idle Write Idle Bus release DMA control Channel Write Idle Transfer source Request [1] [3] [2] [4] [6] [5] [7] Acceptance resumes Acceptance resumes DMA write Bus release DMA read DMA write Bus release Request Transfer destination Transfer source Transfer destination Read Read Request clear period Request clear period Minimum of 2 cycles Minimum of 2 cycles [1] Acceptance after transfer enabling; the DREQ pin low level is sampled on the rising edge of φ, and the request is held. [2] [5] The request is cleared at the next bus break, and activation is started in the DMAC. [3] [6] Start of DMA cycle; DREQ pin high level sampling on the rising edge of φ starts. [4] [7] When the DREQ pin high level has been sampled, acceptance is resumed after the write cycle is completed. (As in [1], the DREQ pin low level is sampled on the rising edge of φ, and the request is held.) Note: In write data buffer mode, bus breaks from [2] to [7] may be hidden, and not visible. Figure 7.22 Example of DREQ Pin Falling Edge Activated Normal Mode Transfer DREQ pin sampling is performed every cycle, with the rising edge of the next φ cycle after the end of the DMABCR write cycle for setting the transfer enabled state as the starting point. When the DREQ pin low level is sampled while acceptance by means of the DREQ pin is possible, the request is held in the DMAC. Then, when activation is initiated in the DMAC, the request is cleared, and DREQ pin high level sampling for edge detection is started. If DREQ pin high level sampling has been completed by the time the DMA write cycle ends, acceptance resumes after the end of the write cycle, DREQ pin low level sampling is performed again, and this operation is repeated until the transfer ends. Figure 7.23 shows an example of block transfer mode transfer activated by the DREQ pin falling edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |