Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 413Page - Renesas Technology Corp H8S/2426 Datasheet HTML 414Page - Renesas Technology Corp H8S/2426 Datasheet HTML 415Page - Renesas Technology Corp H8S/2426 Datasheet HTML 416Page - Renesas Technology Corp H8S/2426 Datasheet HTML 417Page - Renesas Technology Corp H8S/2426 Datasheet HTML 418Page - Renesas Technology Corp H8S/2426 Datasheet HTML 419Page - Renesas Technology Corp H8S/2426 Datasheet HTML 420Page - Renesas Technology Corp H8S/2426 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 389 of 1270
REJ09B0466-0100
• If a DMAC transfer cycle occurs immediately after a DMAC register read cycle, the DMAC
register is read as shown in figure 7.40.
[2]
[1]
Note: The lower word of MAR is the updated value after the operation in [1].
CPU longword read
DMA transfer cycle
MAR upper
word read
MAR lower
word read
DMA read
DMA write
DMA internal
address
φ
DMA control
DMA register
operation
Transfe
source
Transfer
destination
Idle
Read
Write
Idle
Figure 7.40 Contention between DMAC Register Update and CPU Read
(2)
Module Stop
When the MSTP13 bit in MSTPCRH is set to 1, the DMAC clock stops, and the module stop state
is entered. However, 1 cannot be written to the MSTP13 bit if any of the DMAC channels is
enabled. This setting should therefore be made when DMAC operation is stopped.
When the DMAC clock stops, DMAC register accesses can no longer be made. Since the
following DMAC register settings are valid even in the module stop state, they should be
invalidated, if necessary, before a module stop.
• Transfer end/break interrupt (DTE = 0 and DTIE = 1)
• TEND pin enable (TEE = 1)
• DACK pin enable (FAE = 0 and SAE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com