Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 438Page - Renesas Technology Corp H8S/2426 Datasheet HTML 439Page - Renesas Technology Corp H8S/2426 Datasheet HTML 440Page - Renesas Technology Corp H8S/2426 Datasheet HTML 441Page - Renesas Technology Corp H8S/2426 Datasheet HTML 442Page - Renesas Technology Corp H8S/2426 Datasheet HTML 443Page - Renesas Technology Corp H8S/2426 Datasheet HTML 444Page - Renesas Technology Corp H8S/2426 Datasheet HTML 445Page - Renesas Technology Corp H8S/2426 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 414 of 1270
REJ09B0466-0100
8.4.4
Bus Modes
There are two bus modes: cycle steal mode and burst mode. When the activation source is an auto
request, either cycle steal mode or burst mode can be selected. When the activation source is an
external request, cycle steal mode is used.
(1)
Cycle Steal Mode
In cycle steal mode, the EXDMAC releases the bus at the end of each transfer of a transfer unit
(byte, word, or block). If there is a subsequent transfer request, the EXDMAC takes back the bus,
performs another transfer-unit transfer, and then releases the bus again. This procedure is repeated
until the transfer end condition is satisfied.
If a transfer request occurs in another channel during DMA transfer, the bus is temporarily
released, then transfer is performed on the channel for which the transfer request was issued. If
there is no external space bus request from another bus master, a one-cycle bus release interval is
inserted. For details on the operation when there are requests for a number of channels, see section
8.4.8, Channel Priority Order.
Figure 8.5 shows an example of the timing in cycle steal mode.
CPU
CPU
CPU
CPU
EXDMAC
EXDMAC
Bus returned temporarily to CPU
EDREQ
EDRAK
Bus cycle
Transfer conditions:
· Single address mode, normal transfer mode
·
EDREQ low level sensing
· CPU internal bus master is operating in external space
Figure 8.5 Example of Timing in Cycle Steal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com