Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 471Page - Renesas Technology Corp H8S/2426 Datasheet HTML 472Page - Renesas Technology Corp H8S/2426 Datasheet HTML 473Page - Renesas Technology Corp H8S/2426 Datasheet HTML 474Page - Renesas Technology Corp H8S/2426 Datasheet HTML 475Page - Renesas Technology Corp H8S/2426 Datasheet HTML 476Page - Renesas Technology Corp H8S/2426 Datasheet HTML 477Page - Renesas Technology Corp H8S/2426 Datasheet HTML 478Page - Renesas Technology Corp H8S/2426 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 447 of 1270
REJ09B0466-0100
φ pin
Original
channel
EDREQ
Original
channel
EDRAK
Other
channel
EDREQ
Other
channel
EDRAK
Bus cycle
3 cycles
1 cycle
1 cycle
EXDMA transfer
cycle
Bus release
Other channel
transfer cycle
EXDMA
read
EXDMA
write
EXDMA
read
EXDMA
write
Bus
release
Bus
release
Figure 8.38 External Request/Cycle Steal Mode/Normal Transfer Mode Contention
with Another Channel/Dual Address Mode/Low Level Sensing
(4)
External Request/Cycle Steal Mode/Block Transfer Mode
In block transfer mode, transfer of one block is performed continuously in the same way as in
burst mode. The timing of the start of the next block transfer is the same as in normal transfer
mode.
If a transfer request is generated for another channel, an EXDMA cycle for the other channel is
generated before the next block transfer.
The
EDREQ pin sensing timing is different for low level sensing and falling edge sensing. The
same applies to transfer request acceptance and transfer start timing.
Figures 8.39 to 8.44 show operation timing examples for various conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com