Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 508Page - Renesas Technology Corp H8S/2426 Datasheet HTML 509Page - Renesas Technology Corp H8S/2426 Datasheet HTML 510Page - Renesas Technology Corp H8S/2426 Datasheet HTML 511Page - Renesas Technology Corp H8S/2426 Datasheet HTML 512Page - Renesas Technology Corp H8S/2426 Datasheet HTML 513Page - Renesas Technology Corp H8S/2426 Datasheet HTML 514Page - Renesas Technology Corp H8S/2426 Datasheet HTML 515Page - Renesas Technology Corp H8S/2426 Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 484 of 1270
REJ09B0466-0100
Table 9.7
DTC Execution Status
Mode
Vector Read
I
Register Information
Read/Write
J
Data Read
K
Data Write
L
Internal
Operations
M
Normal
1
6
1
1
3
Repeat
1
6
1
1
3
Block transfer
1
6
N
N
3
Legend:
N: Block size (initial setting of CRAH and CRAL)
Table 9.8
Number of States Required for Each Execution Status
Object to be Accessed
On-
Chip
RAM
On-
Chip
ROM
On-Chip I/O
Registers
External Devices
Bus width
32
16
8
16
8
16
Access states
1
1
2
2
2
3
2
3
Vector read
S
I
—
1
—
—
4
6+2m
2
3+m
Register information
read/write
S
J
1
—
—
—
—
—
—
—
Byte data read
S
K
1
1
2
2
2
3+m
2
3+m
Word data read
S
K
1
1
4
2
4
6+2m
2
3+m
Byte data write
S
L
1
1
2
2
2
3+m
2
3+m
Word data write
S
L
1
1
4
2
4
6+2m
2
3+m
Execution
status
Internal operation
S
M
1
The number of execution states is calculated from the formula below. Note that
Σ means the sum
of all transfers activated by one activation event (the number in which the CHNE bit is set to 1,
plus 1).
Number of execution states = I · S
I + Σ (J · SJ + K · SK + L · SL) + M · SM
For example, when the DTC vector address table is located in on-chip ROM, normal mode is set,
and data is transferred from the on-chip ROM to an internal I/O register, the time required for the
DTC operation is 13 states. The time from activation to the end of the data write is 10 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com