Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 555Page - Renesas Technology Corp H8S/2426 Datasheet HTML 556Page - Renesas Technology Corp H8S/2426 Datasheet HTML 557Page - Renesas Technology Corp H8S/2426 Datasheet HTML 558Page - Renesas Technology Corp H8S/2426 Datasheet HTML 559Page - Renesas Technology Corp H8S/2426 Datasheet HTML 560Page - Renesas Technology Corp H8S/2426 Datasheet HTML 561Page - Renesas Technology Corp H8S/2426 Datasheet HTML 562Page - Renesas Technology Corp H8S/2426 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 531 of 1270
REJ09B0466-0100
10.2.5
Pin Functions
Port 2 pins also function as the pins for PPG outputs, TPU I/Os, interrupt inputs (H8S/2426,
H8S/2426R), 8-bit timer I/Os (H8S/2424), I
2C I/Os, and bus control signal inputs. The
correspondence between the register specification and the pin functions is shown below.
(1) Pin Functions of H8S/2426 Group and H8S/2426R Group
• P27/PO7/TIOCB5/IRQ15-B/SCL2
The pin function is switched as shown below according to the combination of the TPU channel
5 settings (by bits MD3 to MD0 in TMDR_5, bits IOB3 to IOB0 in TIOR_5, and bits CCLR1
and CCLR0 in TCR_5), bit NDER7 in NDERL of the PPG, bit ICE in ICCRA_2 of the I
2C, bit
P27DDR, and bit ITS15 in ITSR of the interrupt controller.
ICE
0
1
TPU channel 5
settings
(1) in table
below
(2) in table below
P27DDR
0
1
1
NDER7
0
1
P27 input
P27 output
PO7 output
SCL2 I/O
TIOCB5
output
TIOCB5 input*
1
Pin function
IRQ15-B interrupt input*2
Notes: 1. TIOCB5 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 = 1.
2.
IRQ15-B input when the ITS15 bit in ITSR is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com