Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 561Page - Renesas Technology Corp H8S/2426 Datasheet HTML 562Page - Renesas Technology Corp H8S/2426 Datasheet HTML 563Page - Renesas Technology Corp H8S/2426 Datasheet HTML 564Page - Renesas Technology Corp H8S/2426 Datasheet HTML 565Page - Renesas Technology Corp H8S/2426 Datasheet HTML 566Page - Renesas Technology Corp H8S/2426 Datasheet HTML 567Page - Renesas Technology Corp H8S/2426 Datasheet HTML 568Page - Renesas Technology Corp H8S/2426 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 537 of 1270
REJ09B0466-0100
• P22/IRQ10-B /PO2-A/TIOCC3-A
The pin function is switched as shown below according to the combination of the TPU channel
3 settings (by bits MD3 to MD0 in TMDR_3, bits IOC3 to IOC0 in TIORL_3, and bits CCLR2
to CCLR0 in TCR_3), bit NDER2 in NDERL of the PPG, bits PPGS and TPUS in PFCR3, bit
P22DDR, and bit ITS10 in ITSR of the interrupt controller.
TPU channel 3
settings
(1) in table
below
(2) in table below
P22DDR
0
1
NDER2
0
1
P22 input
P22 output
PO2-A output*
4
TIOCC3-A output*
5
TIOCC3-A input*
1*5
Pin function
IRQ10-B interrupt input*2
TPU channel 3
settings
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000
B'001
×
B'0010
B'0011
IOC3 to IOC0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than
B'
××00
Other than B'
××00
CCLR2 to
CCLR0
Other than
B'101
B'101
Output function
Output
compare
output
PWM*
3 mode
1 output
PWM mode
2 output
Legend:
×: Don’t care
Notes: 1. TIOCC3-A input when MD3 to MD0 = B'0000 and IOC3 to IOC0 = B'10
××.
2.
IRQ10-B input when the ITS10 bit in ITSR is 1.
3. TIOCD3 output disabled. Output disabled and settings (2) effective when BFA = 1 or
BFB = 1 in TMDR_3.
4. PO2-A output when the PPGS bit in PFCR3 is 0.
5. TIOCC3-A input/output when the TPUS bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com