Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 570 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 570 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 566Page - Renesas Technology Corp H8S/2426 Datasheet HTML 567Page - Renesas Technology Corp H8S/2426 Datasheet HTML 568Page - Renesas Technology Corp H8S/2426 Datasheet HTML 569Page - Renesas Technology Corp H8S/2426 Datasheet HTML 570Page - Renesas Technology Corp H8S/2426 Datasheet HTML 571Page - Renesas Technology Corp H8S/2426 Datasheet HTML 572Page - Renesas Technology Corp H8S/2426 Datasheet HTML 573Page - Renesas Technology Corp H8S/2426 Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 542 of 1270
REJ09B0466-0100
• P25/WAIT-B/PO5-A/TIOCB4-A/TMO1-A
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit WAITE in BCR of the bus controller, TPU channel 4 settings (by bits
MD3 to MD0 in TMDR_4, bits IOB3 to IOB0 in TIOR_4, and bits CCLR1 and CCLR0 in
TCR_4), bits OS3 to OS0*
8 in TCSR_1 of the 8-bit timer, bit NDER5 in NDERL of the PPG,
bits PPGS, TPUS, and TMRS in PFCR3, bit WAITS in PFCR4, and bit P25DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
WAITE
0
1
TPU channel 4
settings
(1) in table below
(2) in table below
OS3 to OS0
All 0
Not all 0
P25DDR
0
1
1
NDER5
0
1
P25 input
P25 output
PO5-A
output*
2
TMO1-A
output*
4
WAIT-B
input*
5
Pin function
TIOCB4-A
output*
3
TIOCB4-A input*
1*3
• Mode 7 (EXPE = 0)
WAITE
TPU channel 4
settings
(1) in table
below
(2) in table below
OS3 to OS0
All 0
Not all 0
P25DDR
0
0
1
1
NDER5
0
1
P25 input
P25 output
PO5-A output*
2
TIO1-A output*
4
Pin function
TIOCB4-A
output*
3
TIOCB4-A input*
1*3
Notes: 1. TIOCB4-A input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 to IOB0 = B'10××.
2. PO5-A output when the PPGS bit in PFCR3 is 0.
3. TIOCB4-A input/output when the TPUS bit in PFCR3 is 0.
4. TMO1-A output when the TMRS bit in PFCR3 is 0.
5.
WAIT-B input when the WAITS bit in PFCR4 is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com