Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 584Page - Renesas Technology Corp H8S/2426 Datasheet HTML 585Page - Renesas Technology Corp H8S/2426 Datasheet HTML 586Page - Renesas Technology Corp H8S/2426 Datasheet HTML 587Page - Renesas Technology Corp H8S/2426 Datasheet HTML 588Page - Renesas Technology Corp H8S/2426 Datasheet HTML 589Page - Renesas Technology Corp H8S/2426 Datasheet HTML 590Page - Renesas Technology Corp H8S/2426 Datasheet HTML 591Page - Renesas Technology Corp H8S/2426 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 560 of 1270
REJ09B0466-0100
• P52/SCK2/IRQ2-A/BACK-B/PO4-B/TIOCA4-B/TMO0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit BRLE in BCR of the bus controller, bits OS3 to OS0 in TCSR0 of 8-bit
timer, bits MD3 to MD0 in TMDR_4 of TPU, bits IOA3 to IOA0 in TIOR_4, TPU channel 4
settings by bits CCLR1 and CCLR0 in TCR_4, bit NDER4 in NDERL of PPG, bit C/
A in
SMR_2 and bits CKE0 and CKE1 in SCR_2 of the SCI, bits PPGS, TPUS, and TMRS in
PFCR3, bit BACKS in PFCR4, bit P52DDR, bit NDER4 in NDERL of the PPG, and bit ITS2
in ITSR of the interrupt controller.
• Modes 1, 2, 4, and 7 (EXPE = 1)
BRLE
BACKS
BRLE = 0 or BRLE = 1 and BACKS = 0
BRLE = 1
and
BACKS = 1
TPU channel
4 settings
(1) in table
below
(2) in table below
OS3 to OS0
All 0
Not all 0
CKE1
0
1
C/
A
0
1
CKE0
0
1
P52DDR
0
1
1
NDER4
0
1
P52
input
P52
output
PO4-B
output*
2
SCK2
output
SCK2
output
SCK2
input
TMO0-B
output*
4
BACK-B
output
TIOCA4-B
output*
3
TIOCA4-B input*
3
Pin function
IRQ2-A interrupt input*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com