Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 628Page - Renesas Technology Corp H8S/2426 Datasheet HTML 629Page - Renesas Technology Corp H8S/2426 Datasheet HTML 630Page - Renesas Technology Corp H8S/2426 Datasheet HTML 631Page - Renesas Technology Corp H8S/2426 Datasheet HTML 632Page - Renesas Technology Corp H8S/2426 Datasheet HTML 633Page - Renesas Technology Corp H8S/2426 Datasheet HTML 634Page - Renesas Technology Corp H8S/2426 Datasheet HTML 635Page - Renesas Technology Corp H8S/2426 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 604 of 1270
REJ09B0466-0100
10.10.6
Pin Functions
Port B pins also function as the pins for TPU I/Os and address outputs. The correspondence
between the register specification and the pin functions is shown below.
• PB7/A15/TIOCB8/TCLKH
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, TPU channel 8 settings (by bits MD3 to MD0 in TMDR_8, bits IOB3 to
IOB0 in TIOR_8, and bits CCLR1 and CCLR0 in TCR_8), bits TPSC2 to TPSC0 in TCR_6
and TCR_11, and bit PB7DDR.
Operating
mode
1, 2
4, 7 (EXPE = 1)
7 (EXPE = 0)
TPU channel
8 settings
(1) in table
below
(2) in table below
PB7DDR
0
1
0
1
PB7 input
PB7 output
TIOCB8
output
TIOCB8 input*
1
Pin function
A15 output
PB7 input
A15 output
TCLKH input*
2
TPU channel 8
settings
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01
××
B'0010
B'0011
IOB3 to IOB0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than B'
××00
CCLR1,
CCLR0
Other than
B'10
B'10
Output function
Output
compare
output
PWM mode
2 output
Legend:
×: Don’t care
Notes: 1. TIOCB8 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 = 1.
2. TCLKH input when the setting for either TCR_6 or TCR_11 is TPSC2 to TPSC0 =
B'111. TCLKH input when phase counting mode is set for channels 8 and 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com