Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 692Page - Renesas Technology Corp H8S/2426 Datasheet HTML 693Page - Renesas Technology Corp H8S/2426 Datasheet HTML 694Page - Renesas Technology Corp H8S/2426 Datasheet HTML 695Page - Renesas Technology Corp H8S/2426 Datasheet HTML 696Page - Renesas Technology Corp H8S/2426 Datasheet HTML 697Page - Renesas Technology Corp H8S/2426 Datasheet HTML 698Page - Renesas Technology Corp H8S/2426 Datasheet HTML 699Page - Renesas Technology Corp H8S/2426 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 668 of 1270
REJ09B0466-0100
10.18.4
Port Function Control Register 3 (PFCR3)
PFCR3 switches the functions of the PPG output pin, TPU input/output pin, and TMR
input/output pin.
Bit
Bit Name
Initial Value
R/W
Description
7
1
Reserved
This bit is always read as 1. Only the initial value
should be written to this bit.
6
PPGS
0
R/W
PPG Pin Select
Selects the output pins of PO5 to PO0.
0: P25/PO5-A, P24/PO4-A, P23/PO3-A, P22/PO2-
A, P21/PO1-A, and P20/PO0-A are selected
1: P85/PO5-B, P52/PO4-B, P83/PO3-B, P51/PO2-
B, P81/PO1-B, and P50/PO0-B are selected
5
TPUS
0
R/W
TPU Pin Select
Selects the output pins of TIOCA3, TIOCB3,
TIOCC3, TIOCD3, TIOCA4, and TIOCB4.
0: P25/TIOCB4-A, P24/TIOCA4-A, P23/TIOCD3-A,
P22/TIOCC3-A, P21/TIOCB3-A, and
P20/TIOCA3-A are selected
1: P85/TIOCB4-B, P52/TIOCA4-B, P83/TIOCD3-B,
P51/TIOCC3-B, P81/TIOCB3-B, and
P50/TIOCA3-B are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com