Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 718Page - Renesas Technology Corp H8S/2426 Datasheet HTML 719Page - Renesas Technology Corp H8S/2426 Datasheet HTML 720Page - Renesas Technology Corp H8S/2426 Datasheet HTML 721Page - Renesas Technology Corp H8S/2426 Datasheet HTML 722Page - Renesas Technology Corp H8S/2426 Datasheet HTML 723Page - Renesas Technology Corp H8S/2426 Datasheet HTML 724Page - Renesas Technology Corp H8S/2426 Datasheet HTML 725Page - Renesas Technology Corp H8S/2426 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 694 of 1270
REJ09B0466-0100
Table 11.12 MD3 to MD0
Bit 3
MD3*
1
Bit 2
MD2*
2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
1
Reserved
1
0
PWM mode 1
1
PWM mode 2
1
0
0
Phase counting mode 1
1
Phase counting mode 2
1
0
Phase counting mode 3
1
Phase counting mode 4
1
×
×
×
[Legend]
×:
Don’t care
Notes: 1. MD3 is a reserved bit. In a write, it should always be written with 0.
2. Phase counting mode cannot be set for channels 0 and 3. In this case, 0 should always
be written to MD2.
11.3.3
Timer I/O Control Register (TIOR)
TIOR registers control the TGR registers. The TPU has eight TIOR registers, two each for
channels 0 and 3, and one each for channels 1, 2, 4, and 5. Care is required since TIOR is affected
by the TMDR setting.
The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is
cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com