Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 768Page - Renesas Technology Corp H8S/2426 Datasheet HTML 769Page - Renesas Technology Corp H8S/2426 Datasheet HTML 770Page - Renesas Technology Corp H8S/2426 Datasheet HTML 771Page - Renesas Technology Corp H8S/2426 Datasheet HTML 772Page - Renesas Technology Corp H8S/2426 Datasheet HTML 773Page - Renesas Technology Corp H8S/2426 Datasheet HTML 774Page - Renesas Technology Corp H8S/2426 Datasheet HTML 775Page - Renesas Technology Corp H8S/2426 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 744 of 1270
REJ09B0466-0100
(1)
Example of Phase Counting Mode Setting Procedure
Figure 11.25 shows an example of the phase counting mode setting procedure.
Phase counting mode
Select phase counting mode
Start count
<Phase counting mode>
Select phase counting mode with bits MD3 to
MD0 in TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
[1]
[2]
[1]
[2]
Figure 11.25 Example of Phase Counting Mode Setting Procedure
(2)
Examples of Phase Counting Mode Operation
In phase counting mode, TCNT counts up or down according to the phase difference between two
external clocks. There are four modes, according to the count conditions.
a. Phase counting mode 1
Figure 11.26 shows an example of phase counting mode 1 operation, and table 11.33
summarizes the TCNT up/down-count conditions.
TCNT value
Time
Down-count
Up-count
TCLKA (channels 1 and 5)
TCLKC (channels 2 and 4)
TCLKB (channels 1 and 5)
TCLKD (channels 2 and 4)
Figure 11.26 Example of Phase Counting Mode 1 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com