Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 800Page - Renesas Technology Corp H8S/2426 Datasheet HTML 801Page - Renesas Technology Corp H8S/2426 Datasheet HTML 802Page - Renesas Technology Corp H8S/2426 Datasheet HTML 803Page - Renesas Technology Corp H8S/2426 Datasheet HTML 804Page - Renesas Technology Corp H8S/2426 Datasheet HTML 805Page - Renesas Technology Corp H8S/2426 Datasheet HTML 806Page - Renesas Technology Corp H8S/2426 Datasheet HTML 807Page - Renesas Technology Corp H8S/2426 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 776 of 1270
REJ09B0466-0100
12.3.1
Next Data Enable Registers H, L (NDERH, NDERL)
NDERH, NDERL enable or disable pulse output on a bit-by-bit basis. For outputting pulse by the
PPG, set the corresponding DDR to 1.
• NDERH
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
NDER15
NDER14
NDER13
NDER12
NDER11
NDER10
NDER9
NDER8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Enable 15 to 8
When a bit is set to 1, the value in the
corresponding NDRH bit is transferred to the
PODRH bit by the selected output trigger. Values
are not transferred from NDRH to PODRH for
cleared bits.
• NDERL
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
NDER7
NDER6
NDER5
NDER4
NDER3
NDER2
NDER1
NDER0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Enable 7 to 0
When a bit is set to 1, the value in the
corresponding NDRL bit is transferred to the
PODRL bit by the selected output trigger. Values
are not transferred from NDRL to PODRL for
cleared bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com