Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 815 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 815 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 811Page - Renesas Technology Corp H8S/2426 Datasheet HTML 812Page - Renesas Technology Corp H8S/2426 Datasheet HTML 813Page - Renesas Technology Corp H8S/2426 Datasheet HTML 814Page - Renesas Technology Corp H8S/2426 Datasheet HTML 815Page - Renesas Technology Corp H8S/2426 Datasheet HTML 816Page - Renesas Technology Corp H8S/2426 Datasheet HTML 817Page - Renesas Technology Corp H8S/2426 Datasheet HTML 818Page - Renesas Technology Corp H8S/2426 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 787 of 1270
REJ09B0466-0100
12.4.3
Example of Normal Pulse Output (Example of Five-Phase Pulse Output)
Figure 12.5 shows an example in which pulse output is used for cyclic five-phase pulse output.
TCNT value
TCNT
TGRA
H'0000
NDRH
00
80
C0
40
60
20
30
10
18
08
88
PODRH
PO15
PO14
PO13
PO12
PO11
Time
Compare match
C0
80
C0
80
40
60
20
30
10
18
08
88
80
C0
40
Figure 12.5 Normal Pulse Output Example (Five-Phase Pulse Output)
1. Set up TGRA in TPU which is used as the output trigger to be an output compare register. Set
a cycle in TGRA so that the counter will be cleared by compare match A. Set the TGIEA bit in
TIER to 1 to enable the compare match/input capture A (TGIA) interrupt.
2. Write H'F8 in P1DDR and NDERH, and set the G3CMS1, G3CMS0, G2CMS1, and G2CMS0
bits in PCR to select compare match in the TPU channel set up in the previous step to be the
output trigger. Write output data H'80 in NDRH.
3. The timer counter in the TPU channel starts. When compare match A occurs, the NDRH
contents are transferred to PODRH and output. The TGIA interrupt handling routine writes the
next output data (H'C0) in NDRH.
4. Five-phase pulse output (one or two phases active at a time) can be obtained subsequently by
writing H'40, H'60, H'20, H'30, H'10, H'18, H'08, H'88... at successive TGIA interrupts.
If the DTC or DMAC is set for activation by the TGIA interrupt, pulse output can be obtained
without imposing a load on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com