Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 837 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 837 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 833Page - Renesas Technology Corp H8S/2426 Datasheet HTML 834Page - Renesas Technology Corp H8S/2426 Datasheet HTML 835Page - Renesas Technology Corp H8S/2426 Datasheet HTML 836Page - Renesas Technology Corp H8S/2426 Datasheet HTML 837Page - Renesas Technology Corp H8S/2426 Datasheet HTML 838Page - Renesas Technology Corp H8S/2426 Datasheet HTML 839Page - Renesas Technology Corp H8S/2426 Datasheet HTML 840Page - Renesas Technology Corp H8S/2426 Datasheet HTML 841Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 809 of 1270
REJ09B0466-0100
13.4.2
Reset Input
Figure 13.3 shows an example in which the 8-bit timer is used to generate a pulse output with a
selected delay in response to the TMRI input. The control bits are set as follows:
[1] The CCLR0 bit in TCR is set to 1 and the TMRIS bit in TCCR is set to 1 so that TCNT is
cleared at the high level of the TMRI input.
[2] In TCSR, bits OS3 to OS0 are set to B'0110, causing the output to change to 1 at a TCORA
compare match and to 0 at a TCORB compare match.
With these settings, the 8-bit timer provides output of pulses whose delay from the TMRI input is
determined by TCORA and the pulse width determined by (TCORB
− TCORA).
TCORB
TCORA
H'00
TMRI
TMO
TCNT
Figure 13.3 Example of Reset Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com