Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 851Page - Renesas Technology Corp H8S/2426 Datasheet HTML 852Page - Renesas Technology Corp H8S/2426 Datasheet HTML 853Page - Renesas Technology Corp H8S/2426 Datasheet HTML 854Page - Renesas Technology Corp H8S/2426 Datasheet HTML 855Page - Renesas Technology Corp H8S/2426 Datasheet HTML 856Page - Renesas Technology Corp H8S/2426 Datasheet HTML 857Page - Renesas Technology Corp H8S/2426 Datasheet HTML 858Page - Renesas Technology Corp H8S/2426 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 827 of 1270
REJ09B0466-0100
14.3.3
Reset Control/Status Register (RSTCSR)
RSTCSR controls the generation of the internal reset signal when TCNT overflows, and selects
the type of internal reset signal. RSTCSR is initialized to H'1F by a reset signal from the
RES pin,
but not by the WDT internal reset signal caused by overflows.
Bit
Bit Name
Initial Value
R/W
Description
7
WOVF
0
R/(W)*
Watchdog Timer Overflow Flag
This bit is set when TCNT overflows in watchdog
timer mode. This bit cannot be set in interval timer
mode, and only 0 can be written.
[Setting condition]
Set when TCNT overflows (changed from H'FF to
H'00) in watchdog timer mode
[Clearing condition]
Cleared by reading RSTCSR when WOVF = 1,
and then writing 0 to WOVF
6
RSTE
0
R/W
Reset Enable
Specifies whether or not a reset signal is
generated in the chip if TCNT overflows during
watchdog timer operation.
0: Reset signal is not generated even if TCNT
overflows
(Though this LSI is not reset, TCNT and TCSR
in WDT are reset)
1: Reset signal is generated if TCNT overflows
5
—
0
R/W
Reserved
Can be read and written, but does not affect
operation.
4 to 0
—
All 1
—
Reserved
These bits are always read as 1 and cannot be
modified.
Note:
* Only a write of 0 is permitted, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com