Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 890Page - Renesas Technology Corp H8S/2426 Datasheet HTML 891Page - Renesas Technology Corp H8S/2426 Datasheet HTML 892Page - Renesas Technology Corp H8S/2426 Datasheet HTML 893Page - Renesas Technology Corp H8S/2426 Datasheet HTML 894Page - Renesas Technology Corp H8S/2426 Datasheet HTML 895Page - Renesas Technology Corp H8S/2426 Datasheet HTML 896Page - Renesas Technology Corp H8S/2426 Datasheet HTML 897Page - Renesas Technology Corp H8S/2426 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 866 of 1270
REJ09B0466-0100
15.3.10
IrDA Control Register (IrCR)
IrCR selects the function of SCI_0.
Bit
Bit Name
Initial Value
R/W
Description
7
IrE
0
R/W
IrDA Enable
Specifies normal SCI mode or IrDA mode for
SCI_0 input/output.
0: Pins TxD0/IrTxD and RxD0/IrRxD function as
TxD0 and RxD0
1: Pins TxD0/IrTxD and RxD0/IrRxD function as
IrTxD and IrRxD
6
5
4
IrCKS2
IrCKS1
IrCKS0
0
0
0
R/W
R/W
R/W
IrDA Clock Select 2 to 0
Specifies the high pulse width in IrTxD output
pulse encoding when the IrDA function is enabled.
000: Pulse width = B
× 3/16 (3/16 of bit rate)
001: Pulse width =
φ/2
010: Pulse width =
φ/4
011: Pulse width =
φ/8
100: Pulse width =
φ/16
101: Pulse width =
φ/32
110: Pulse width =
φ/64
111: Pulse width =
φ/128
3
IrTxINV
0
R/W
IrTx Data Invert
Specifies the logic level of the IrTxD output to be
inverted. When inversion is performed, the high
pulse width specified by bits 6 to 4 becomes the
low pulse width.
0: Transmit data is used as IrTxD output without
change
1: Transmit data is inverted before used as IrTxD
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com