Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 912 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 912 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 908Page - Renesas Technology Corp H8S/2426 Datasheet HTML 909Page - Renesas Technology Corp H8S/2426 Datasheet HTML 910Page - Renesas Technology Corp H8S/2426 Datasheet HTML 911Page - Renesas Technology Corp H8S/2426 Datasheet HTML 912Page - Renesas Technology Corp H8S/2426 Datasheet HTML 913Page - Renesas Technology Corp H8S/2426 Datasheet HTML 914Page - Renesas Technology Corp H8S/2426 Datasheet HTML 915Page - Renesas Technology Corp H8S/2426 Datasheet HTML 916Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 912 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 884 of 1270
REJ09B0466-0100
MPIE
RDR
value
0
D0
D1
D7
1
1
0
D0
D1
D7
01
1
1
Data (ID1)
Start
bit
MPB
Stop
bit
Start
bit
Data (Data1)
MPB
Stop
bit
RXI interrupt
request
(multiprocessor
interrupt)
generated
MPIE = 0
Idle state
(mark state)
RDRF
RDR data read
and RDRF flag
cleared to 0 in
RXI interrupt
handling routine
If not this station’s ID,
MPIE bit is set to 1
again
RXI interrupt request is
not generated, and RDR
retains its state
ID1
(a) Data does not match station’s ID
MPIE
RDR
value
0
D0
D1
D7
1
1
0
D0
D1
D7
01
1
1
Data (ID2)
Start
bit
MPB
Stop
bit
Start
bit
Data (Data2)
MPB
Stop
bit
RXI interrupt
request
(multiprocessor
interrupt)
generated
MPIE = 0
Idle state
(mark state)
RDRF
RDR data read and
RDRF flag cleared
to 0 in RXI interrupt
handling routine
Matches this station’s ID,
so reception continues, and
data is received in RXI
interrupt handling routine
MPIE bit set to 1
again
ID2
(b) Data matches station’s ID
Data2
ID1
Figure 15.12 Example of SCI Operation in Reception
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com