Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 926 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 926 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 922Page - Renesas Technology Corp H8S/2426 Datasheet HTML 923Page - Renesas Technology Corp H8S/2426 Datasheet HTML 924Page - Renesas Technology Corp H8S/2426 Datasheet HTML 925Page - Renesas Technology Corp H8S/2426 Datasheet HTML 926Page - Renesas Technology Corp H8S/2426 Datasheet HTML 927Page - Renesas Technology Corp H8S/2426 Datasheet HTML 928Page - Renesas Technology Corp H8S/2426 Datasheet HTML 929Page - Renesas Technology Corp H8S/2426 Datasheet HTML 930Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 926 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 898 of 1270
REJ09B0466-0100
15.7.4
Receive Data Sampling Timing and Reception Margin
Only the internal clock generated by the on-chip baud rate generator is used as transmit/receive
clock in Smart Card interface. In Smart Card interface mode, the SCI operates on a basic clock
with a frequency of 32, 64, 372, 256, 93, 128, 186, or 512 times the bit rate (fixed at 16 times in
normal asynchronous mode) as determined by bits BCP2 to BCP0. In reception, the SCI samples
the falling edge of the start bit using the basic clock, and performs internal synchronization. As
shown in figure 15.25, by sampling receive data at the rising-edge of the 16th, 32nd, 186th, 128th,
46th, 64th, 93rd, or 256th pulse of the basic clock, data can be latched at the middle of the bit. The
reception margin is given by the following formula.
M =  (0.5 –
) – (L – 0.5) F –
(1 + F)  × 100 [%]
1
2N
D – 0.5
N
Where
M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, 256, 93, 128, 186, or 512)
D: Clock duty cycle (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock frequency deviation
Assuming values of F = 0, D = 0.5 and N = 372 in the above formula, the reception margin
formula is as follows.
M = (0.5 – 1/2
× 372) × 100%
= 49.866%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com