| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 934 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 934 Page - Renesas Technology Corp |
|
934 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 906 of 1270 REJ09B0466-0100 15.7.8 Clock Output Control When the GM bit in SMR is set to 1, the clock output level can be fixed with bits CKE1 and CKE0 in SCR. At this time, the minimum clock pulse width can be made the specified width. Figure 15.31 shows the timing for fixing the clock output level. In this example, GM is set to 1, CKE1 is cleared to 0, and the CKE0 bit is controlled. Specified pulse width SCK CKE0 Specified pulse width Figure 15.31 Timing for Fixing Clock Output Level When turning on the power or switching between Smart Card interface mode and software standby mode, the following procedures should be followed in order to maintain the clock duty cycle. Powering On: To secure the clock duty cycle from power-on, the following switching procedure should be followed. 1. The initial state is port input and high impedance. Use a pull-up resistor or pull-down resistor to fix the potential. 2. Fix the SCK pin to the specified output level with the CKE1 bit in SCR. 3. Set SMR and SCMR, and switch to Smart Card mode operation. 4. Set the CKE0 bit in SCR to 1 to start clock output. When Changing from Smart Card Interface Mode to Software Standby Mode: 1. Set the data register (DR) and data direction register (DDR) corresponding to the SCK pin to the value for the fixed output state in software standby mode. 2. Write 0 to the TE bit and RE bit in the serial control register (SCR) to halt transmit/receive operation. At the same time, set the CKE1 bit to the value for the fixed output state in software standby mode. 3. Write 0 to the CKE0 bit in SCR to halt the clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |