| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 941 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 941 Page - Renesas Technology Corp |
|
941 / 1302 page ![]() Section 15 Serial Communication Interface (SCI, IrDA) Rev. 1.00 Sep. 19, 2008 Page 913 of 1270 REJ09B0466-0100 15.9.2 Interrupts in Smart Card Interface Mode Table 15.14 shows the interrupt sources in Smart Card interface mode. The transmit end interrupt (TEI) request cannot be used in this mode. Table 15.14 Interrupt Sources Channel Name Interrupt Source Interrupt Flag DTC Activation DMAC Activation Priority ERI0 Receive Error, detection ORER, PER, ERS Not possible Not possible High RXI0 Receive Data Full RDRF Possible Possible 0 TXI0 Transmit Data Empty TEND Possible Possible ERI1 Receive Error, detection ORER, PER, ERS Not possible Not possible RXI1 Receive Data Full RDRF Possible Possible 1 TXI1 Transmit Data Empty TEND Possible Possible ERI2 Receive Error, detection ORER, PER, ERS Not possible Not possible RXI2 Receive Data Full RDRF Possible Not possible 2 TXI2 Transmit Data Empty TEND Possible Not possible ERI3 Receive Error, detection ORER, PER, ERS Not possible Not possible RXI3 Receive Data Full RDRF Possible Not possible 3 TXI3 Transmit Data Empty TEND Possible Not possible ERI4 Receive Error, detection ORER, PER, ERS Not possible Not possible RXI4 Receive Data Full RDRF Possible Not possible 4 TXI4 Transmit Data Empty TEND Possible Not possible Low In Smart Card interface mode, as in normal serial communication interface mode, transfer can be carried out using the DTC or DMAC. In transmit operations, the TDRE flag is also set to 1 at the same time as the TEND flag in SSR, and a TXI interrupt is generated. If the TXI request is designated beforehand as a DTC or DMAC activation source, the DTC or DMAC will be activated by the TXI request, and transfer of the transmit data will be carried out. The TDRE and TEND flags are automatically cleared to 0 when data transfer is performed by the DTC or DMAC. In the event of an error, the SCI retransmits the same data automatically. During this period, the TEND flag remains cleared to 0 and the DTC or DMAC is not activated. Therefore, the SCI and DTC or DMAC will automatically transmit the specified number of bytes in the event of an error, including retransmission. However, the ERS flag is not cleared automatically when an error occurs, and so the RIE bit should be set to 1 beforehand so that an ERI request will be generated in the event of an error, and the ERS flag will be cleared. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |