Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 946 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 946 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 942Page - Renesas Technology Corp H8S/2426 Datasheet HTML 943Page - Renesas Technology Corp H8S/2426 Datasheet HTML 944Page - Renesas Technology Corp H8S/2426 Datasheet HTML 945Page - Renesas Technology Corp H8S/2426 Datasheet HTML 946Page - Renesas Technology Corp H8S/2426 Datasheet HTML 947Page - Renesas Technology Corp H8S/2426 Datasheet HTML 948Page - Renesas Technology Corp H8S/2426 Datasheet HTML 949Page - Renesas Technology Corp H8S/2426 Datasheet HTML 950Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 918 of 1270
REJ09B0466-0100
Read TEND flag in SSR
TE = 0
Transition to software
standby mode
Exit from software
standby mode
Change
operating mode?
No
All data
transmitted?
TEND = 1
Yes
Yes
Yes
<Transmission>
No
No
[1]
[3]
[2]
TE = 1
Initialization
<Start of transmission>
[1]
Data being transmitted is interrupted.
After exiting software standby mode,
normal CPU transmission is possible
by setting TE to 1, reading SSR,
writing TDR, and clearing TDRE to 0,
but note that if the DTC has been
activated, the remaining data in
DTCRAM will be transmitted when
TE and TIE are set to 1.
[2]
If TIE and TEIE are set to 1, clear
them to 0 in the same way.
[3]
Includes module stop mode.
Figure 15.36 Sample Flowchart for Mode Transition during Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com