Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 976 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 976 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 972Page - Renesas Technology Corp H8S/2426 Datasheet HTML 973Page - Renesas Technology Corp H8S/2426 Datasheet HTML 974Page - Renesas Technology Corp H8S/2426 Datasheet HTML 975Page - Renesas Technology Corp H8S/2426 Datasheet HTML 976Page - Renesas Technology Corp H8S/2426 Datasheet HTML 977Page - Renesas Technology Corp H8S/2426 Datasheet HTML 978Page - Renesas Technology Corp H8S/2426 Datasheet HTML 979Page - Renesas Technology Corp H8S/2426 Datasheet HTML 980Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 976 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 948 of 1270
REJ09B0466-0100
BBSY=0 ?
No
TEND=1 ?
No
Yes
Start
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[13]
[14]
[15]
Initialize
Set MST = 1 and TRS
= 1 in ICCRA.
Write BBSY = 1
and SCP = 0.
Write transmit data
in ICDRT
Write BBSY = 0
and SCP = 0
Set MST = 0 and TRS
= 0 in ICCRA
Read BBSY in ICCRB
Read TEND in ICSR
Read ACKBR in ICIER
Master receive mode
Yes
ACKBR=0 ?
Write transmit data in ICDRT
Read TDRE in ICSR
Read TEND in ICSR
Clear TEND in ICSR
Read STOP in ICSR
Clear TDRE in ICSR
End
Write transmit data in ICDRT
Transmit
mode?
No
Yes
TDRE=1 ?
Final byte?
STOP=1 ?
No
No
No
No
No
Yes
Yes
TEND=1 ?
Yes
Yes
Yes
[1]
Test the status of the SCL and SDA lines.
[2]
Select master transmit mode.
[3]
Start condition issuance.
[4]
Select transmit data for the first byte (slave address + R/W).
[5]
Wait for 1 byte to be transmitted.
[6]
Test the acknowledge bit, transferred from the specified slave device.
[7]
Set transmit data for the second and subsequent data (except for the final byte).
[8]
Wait for ICDRT empty.
[9]
Set the final byte of transmit data.
[10] Wait for the completion of transmission for the final byte.
[11] Clear TEND flag.
[12] Clear STOP flag.
[13] Stop condition issuance.
[14] Wait for the generation of the stop condition.
[15] Set slave receive mode. Clear TDRE.
[12]
Clear STOP in ICSR
Figure 16.14 Sample Flowchart for Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com