Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1000 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1000 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 996Page - Renesas Technology Corp H8S/2426 Datasheet HTML 997Page - Renesas Technology Corp H8S/2426 Datasheet HTML 998Page - Renesas Technology Corp H8S/2426 Datasheet HTML 999Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1004Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 972 of 1270
REJ09B0466-0100
17.4
Operation
The A/D converter has two operating modes: single mode and scan mode. First select the clock for
A/D conversion (ADCLK). When changing the operating mode or analog input channel, to
prevent incorrect operation, first clear the ADST bit in ADCSR to 0. The ADST bit can be set to 1
at the same time as the operating mode or analog input channel is changed.
17.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the analog input of the specified
single channel.
1. A/D conversion for the selected channel is started when the ADST bit in ADCSR is set to 1 by
software, TPU, TMR, or an external trigger input.
2. When A/D conversion is completed, the A/D conversion result is transferred to the
corresponding A/D data register of the channel.
3. When A/D conversion is completed, the ADF bit in ADCSR is set to 1. If the ADIE bit is set
to 1 at this time, an ADI interrupt request is generated.
4. The ADST bit remains at 1 during A/D conversion, and is automatically cleared to 0 when
A/D conversion ends. The A/D converter enters wait state. If the ADST bit is cleared to 0
during A/D conversion, A/D conversion stops and the A/D converter enters a wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com