| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 1043 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 1043 Page - Renesas Technology Corp |
|
1043 / 1302 page ![]() Section 19 Synchronous Serial Communication Unit (SSU) Rev. 1.00 Sep. 19, 2008 Page 1015 of 1270 REJ09B0466-0100 19.4.3 Relationship between Data Input/Output Pins and Shift Register The connection between data input/output pins and the SS shift register (SSTRSR) depends on the combination of the MSS and BIDE bits in SSCRH and the SSUMS bit in SSCRL. Figure 19.3 shows the relationship. The SSU transmits serial data from the SSO pin and receives serial data from the SSI pin when operating with BIDE = 0 and MSS = 1 (standard, master mode) (see figure 19.3 (1)). The SSU transmits serial data from the SSI pin and receives serial data from the SSO pin when operating with BIDE = 0 and MSS = 0 (standard, slave mode) (see figure 19.3 (2)). The SSU transmits and receives serial data from the SSO pin regardless of master or slave mode when operating with BIDE = 1 (bidirectional mode) (see figures 19.3 (3) and (4)). However, even if both the TE and RE bits are set to 1, transmission and reception are not performed simultaneously. Either the TE or RE bit must be selected. The SSU transmits serial data from the SSO pin and receives serial data from the SSI pin when operating with SSUMS = 1. The SSCK pin outputs the internal clock when MSS = 1 and function as an input pin when MSS = 0 (see figures 19.3 (5) and (6)). SSCK Shift register (SSTRSR) Shift register (SSTRSR) Shift register (SSTRSR) Shift register (SSTRSR) SSO SSI SSCK SSO SSI SSCK SSO SSI SSCK SSO SSI (1) When SSUMS = 0, BIDE = 0 (standard mode), MSS = 1, TE = 1, and RE = 1 SSCK Shift register (SSTRSR) SSO SSI SSCK Shift register (SSTRSR) SSO SSI (2) When SSUMS = 0, BIDE = 0 (standard mode), MSS = 0, TE = 1, and RE = 1 (3) When SSUMS = 0, BIDE = 1 (bidirectional mode), MSS = 0, and either TE or RE = 1 (4) When SSUMS = 0, BIDE = 1 (bidirectional mode), MSS = 1, and either TE or RE = 1 (5) When SSUMS = 1 and MSS = 1 (6) When SSUMS = 1 and MSS = 0 Figure 19.3 Relationship between Data Input/Output Pins and the Shift Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |