| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 1048 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 1048 Page - Renesas Technology Corp |
|
1048 / 1302 page ![]() Section 19 Synchronous Serial Communication Unit (SSU) Rev. 1.00 Sep. 19, 2008 Page 1020 of 1270 REJ09B0466-0100 SCS SSCK Bit 0 Bit 0 Bit 1 Bit 1 Bit 2 Bit 2 Bit 3 Bit 3 Bit 4 Bit 4 Bit 5 Bit 5 Bit 6 Bit 6 Bit 7 Bit 7 SSO TDRE TEND LSI operation User operation TXI interrupt generated TEI interrupt generated TEI interrupt generated TXI interrupt generated Data written to SSTDR0 Data written to SSTDR0 1 frame SSTDR0 (LSB first transmission) SSTDR0 (MSB first transmission) 1 frame Figure 19.5 (1) Example of Transmission Operation (SSU Mode) When 8-Bit Data Length is Selected (SSTDR0 is Valid) with CPOS = 0 and CPHS = 0 Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 LSI operation User operation Data written to SSTDR0 and SSTDR1 SSTDR1 SCS SSCK TDRE TEND SSO (LSB first) SSO (MSB first) SSTDR0 SSTDR0 SSTDR1 1 frame TXI interrupt generated TEI interrupt generated Figure 19.5 (2) Example of Transmission Operation (SSU Mode) When 16-Bit Data Length is Selected (SSTDR0 and SSTDR1 are Valid) with CPOS = 0 and CPHS = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |