Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1059 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1059 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1063Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1059 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1031 of 1270
REJ09B0466-0100
(2) Data Transmission
Figure 19.13 shows an example of transmission operation, and figure 19.14 shows a flowchart
example of data transmission. When transmitting data in clock synchronous communication mode,
the SSU operates as shown below.
In master mode, the SSU outputs a transfer clock and data. In slave mode, when a transfer clock is
input to the SSCK pin, the SSU outputs data in synchronization with the transfer clock.
Writing transmit data to SSTDR after the TE bit is set to 1 clears the TDRE bit in SSSR to 0, and
the SSTDR contents are transferred to SSTRSR. After that, the SSU sets the TDRE bit to 1 and
starts transmission. At this time, if the TIE bit in SSER is set to 1, a TXI interrupt is generated.
When 1-frame data has been transferred with TDRE = 0, the SSTDR contents are transferred to
SSTRSR to start the next frame transmission. When the 8th bit of transmit data has been
transferred with TDRE = 1, the TEND bit in SSSR is set to 1 and the state is retained. At this time,
if the TEIE bit is set to 1, a TEI interrupt is generated.
While the ORER bit in SSSR is set to 1, transmission is not performed. Check that the ORER bit
is cleared to 0.
LSI operation
User operation
SSO
SSCK
TDRE
TEND
Data written
to SSTDR
TXI interrupt
generated
TEI interrupt
generated
TXI interrupt
generated
Data written
to SSTDR
Bit 0
Bit 1
Bit 7
Bit 0
Bit 1
Bit 7
1 frame
1 frame
Figure 19.13 Example of Transmission Operation
(Clock Synchronous Communication Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com