Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1080 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1080 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1076Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1084Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1080 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1052 of 1270
REJ09B0466-0100
21.4
Notes on User Programming Mode
21.4.1
Prohibited Interrupts (EW0 Mode)
• The NMI and watchdog timer interrupts can be used because FLMCR1 is forcibly initialized
when an interrupt is generated; specify the destination address of each interrupt routine in the
fixed vector table. Flash memory programming is terminated when an NMI interrupt or a
watchdog timer interrupt occurs. In this case, reexecute the programming program after the
interrupt routine is completed.
• The address-match interrupt cannot be used because the interrupt processing accesses data in
the flash memory.
21.4.2
Access Method
To set the FMCMDEN bit to 1, be sure to write 0 to the bit and then write 1 in a row. Make sure
that no interrupt, EXDMAC transfer, DTC transfer, or DMA transfer is generated between writing
0 and 1.
21.4.3
Programming (EW0 Mode)
If the power-supply voltage falls during programming of the block that stores the programming
control program, the programming control program cannot be correctly modified and the flash
memory may not be programmed after that. In this case, use the on-board programming mode or
programmer mode instead.
21.4.4
Writing Commands or Data
The address to write a command code or data should be a multiple of four (0, 4, 8, C, ...).
21.4.5
Software Standby Mode
Before entering the stop mode, set the FMCMDEN bit to 0 (CPU programming mode disabled),
disable the DMA transfer, and then make a transition to the software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com