Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1116 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1116 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1119Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1116 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1088 of 1270
REJ09B0466-0100
(a) Erasure Selection
The boot program will transfer the erasure program. User MAT data is erased by the transferred
erasure program.
Command
H'48
• Command, H'48, (one byte): Erasure selection
Response
H'06
• Response, H'06, (one byte): Response for erasure selection
After the erasure program has been transferred, the boot program will return ACK.
(b) Block Erasure
The boot program will erase the contents of the specified block.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size (one byte): The number of bytes that represents the erasure block number
This is fixed to 1.
• Block number (one byte): Number of the block to be erased
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to Erasure
After erasure has been completed, the boot program will return ACK.
Error Response
H'D8
ERROR
• Error Response, H'D8, (one byte): Response to Erasure
• ERROR (one byte): Error code
H'11: Checksum error
H'29: Block number error
Block number is incorrect.
H'51: Erasure error
An error has occurred during erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com