Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1135 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1135 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1135 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1107 of 1270
REJ09B0466-0100
24.1.2
Module Stop Control Registers H and L (MSTPCRH, MSTPCRL)
MSTPCR performs module stop mode control. Setting a bit to 1, the corresponding module enters
module stop mode, while clearing the bit to 0 clears the module stop mode.
• MSTPCRH
Bit
Bit Name
Initial Value
R/W
Module
15
ACSE
0
R/W
All Module Clocks Stop Mode Enable
Enables or disables all module clocks stop mode,
in which, when the CPU executes a SLEEP
instruction after module stop mode has been set
for all the on-chip peripheral functions controlled
by MSTPCR or the on-chip peripheral functions
except the TMR.
0: All module clocks stop mode disabled
1: All module clocks stop mode enabled
14
MSTP14
0
R/W
EXDMA controller (EXDMAC)
*
13
MSTP13
0
R/W
DMA controller (DMAC)
12
MSTP12
0
R/W
Data transfer controller (DTC)
11
MSTP11
1
R/W
16-bit timer pulse unit 0 (TPU_0)
10
MSTP10
1
R/W
Programmable pulse generator (PPG)
9
MSTP9
1
R/W
16-bit timer pulse unit 1 (TPU_1)
8
MSTP8
1
R/W
D/A converter (channels 2 and 3)
Note:
* Not supported by the H8S/2424 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com