Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1206 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1206 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1202Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1203Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1204Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1205Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1206 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1178 of 1270
REJ09B0466-0100
Table 26.3
DC Characteristics (2)
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = AVSS = 0 V*
1, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Three-state
leakage current
(off state)
Ports 1 to 3,
P50 to P53,
ports 6 and 8,
ports A to I
| I
TSI |
1.0
µA
V
in = 0.5 to
V
CC −0.5 V
Input pull-up
MOS current
Ports A to E
−I
p
10
300
µA
V
CC = 3.0 to
3.6 V
V
in = 0 V
RES
30
pF
NMI
30
pF
Input
capacitance
All input pins
except
RES
and NMI
C
in
18
pF
V
in = 0 V
f
= 1 MHz
T
a = 25°C
Normal operation
55
(3.3 V)
75
mA
f
= 33 MHz
Sleep mode
35
(3.3 V)
45
mA
f
= 33 MHz
20
µA
T
a ≤ 50°C
Supply current*
2
Standby mode*
3
I
CC*
4
80
µA
50°C
< T
a
During A/D and
D/A conversion
0.5
(3.3 V)
2.0
mA
When channel
1 is in use
Analog power
supply current
Idle
AI
CC
0.01
5.0
µA
When channel
1 is in use
During A/D and
D/A conversion
0.5
(3.3 V)
6.0
mA
Reference
power supply
current
Idle
AI
CC
0.01
5.0
µA
RAM standby voltage
V
RAM
2.5
V
V
CC start voltage*
5
V
CC start
0.8
V
V
CC rising slope *
5
SV
CC
20
ms/V
Notes: 1. When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com