Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1221 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1221 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1217Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1218Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1219Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1220Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1221Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1222Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1223Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1224Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1221 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1193 of 1270
REJ09B0466-0100
26.2
Electrical Characteristics for H8S/2424 Group
26.2.1
Absolute Maximum Ratings
Table 26.14 lists the absolute maximum ratings.
Table 26.14 Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage
V
CC
PLLV
CC
−0.3 to +4.3
V
Input voltage (except ports 4, 9, and 2, P32
to P35, P50 and P51, and P81 and P83)
V
in
−0.3 to V
CC +0.3
V
Input voltage (port 2, P50 and P51, P32 to
P35, and P81 and P83)
V
in
−0.3 to +7.0
V
Input voltage (ports 4 and 9)
V
in
−0.3 to AV
CC +0.3
V
Reference power supply voltage
V
ref
−0.3 to AV
CC +0.3
V
Analog power supply voltage
AV
CC
−0.3 to +4.3
V
Analog input voltage
V
AN
−0.3 to AV
CC +0.3
V
Operating temperature
T
opr
Regular specifications:
−20 to +75*
°C
Wide-range specifications:
−40 to +85*
°C
Storage temperature
T
stg
−55 to +125
°C
Caution:
Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note:
*
Ranges of operating temperature when flash memory is programmed/erased:
Regular specifications: 0 to
+75°C
Wide-range specifications: 0 to
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com