Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1231 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1231 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1227Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1228Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1229Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1230Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1231Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1203 of 1270
REJ09B0466-0100
Item
Symbol
Min.
Max.
Unit
Test Conditions
Precharge time 1
t
PCH1
1.0
× t
cyc −20
ns
Precharge time 2
t
PCH2
1.5
× t
cyc −20
ns
Figures 26.8 to
26.23,
Figures 26.34
and 26.35
Self-refresh precharge time 1
t
RPS1
2.5
× t
cyc −20
ns
Self-refresh precharge time 2
t
RPS2
3.0
× t
cyc −20
ns
Figures 26.22
and 26.23
WAIT setup time
t
WTS
25
ns
WAIT hold time
t
WTH
1
ns
Figures 26.10,
26.16, and 26.35
BREQ setup time
t
BREQS
30
ns
Figure 26.24
BACK delay time
t
BACD
15
ns
Bus floating time
t
BZD
40
ns
BREQO delay time
t
BRQOD
25
ns
Figure 26.25
Note:
*
t
OED1 and tOED2.correspond to OE-A, and tOED1B and tOED2B.correspond to OE-B.
(4) DMAC Timing
Table 26.22 DMAC Timing
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test Conditions
DREQ setup time
t
DRQS
25
ns
Figure 26.32
DREQ hold time
t
DRQH
10
TEND delay time
t
TED
18
Figure 26.31
DACK delay time 1
t
DACD1
18
Figures 26.29 and 26.30
DACK delay time 2
t
DACD2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com