Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 1236 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1236 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1232Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1237Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1238Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1239Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1208 of 1270
REJ09B0466-0100
26.2.6
Flash Memory Characteristics
Table 26.27 Flash Memory Characteristics
Conditions:
V
CC = AVCC = 3.0 to 3.6V, VSS = AVSS = 0V, Ta= 0°C to + 75°C
Standard value
Unit
Item
Symbol
Test
conditions Applicable area
Min.
Typ.
Max.
Programming ROM 100*
2
Programming and erase
count
*1
Data flash area*
3
TBD*
3
Times
Programming ROM
150
Programming time
(per 4 bytes)
Data flash area*
3
300*
3
µs
Programming ROM
300
Erase time (per 1 block)
Data flash area*
3
300*
3
ms
Programming ROM 3.0
Programming and erase
voltage
Data flash area*
3
3.6
V
Programming ROM
Read voltage
Data flash area*
3
3.0
3.6
V
Programming ROM 1
Access state
Data flash area*
3
2
State
Programming ROM 0
75
Programming and erase
temperature
-
Data flash area*
3
0
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com